Part Number Hot Search : 
A3046 IM811C 500102FC G2109 LV4904 SP702 CM1705 10X10
Product Description
Full Text Search
 

To Download 74ACT646SPC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AC646 * 74ACT646 Octal Transceiver/Register with 3-STATE Outputs
November 1988 Revised October 2000
74AC646 * 74ACT646 Octal Transceiver/Register with 3-STATE Outputs
General Description
The AC/ACT646 consist of registered bus transceiver circuits, with outputs, D-type flip-flops and control circuitry providing multiplexed transmission of data directly from the input bus or from the internal storage registers. Data on the A or B bus will be loaded into the respective registers on the LOW-to-HIGH transition of the appropriate clock pin (CPAB or CPBA). The four fundamental data handling functions available are illustrated in Figures 1, 2, 3, and Figure 4.
Features
s Independent registers for A and B buses s Multiplexed real-time and stored data transfers s 3-STATE outputs s 300 mil dual-in-line package s Outputs source/sink 24 mA s ACT646 has TTL compatible inputs
Ordering Code:
Order Number 74AC646SC 74AC646SPC 74ACT646SC 74ACT646SPC Package Number M24B N24C M24B N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
Pin Descriptions
Pin Names A0-A7 B0-B7 CPAB, CPBA SAB, SBA G DIR
FACT is a trademark of Fairchild Semiconductor Corporation.
Description Data Register A Inputs Data Register A Outputs Data Register B Inputs Data Register B Outputs Clock Pulse Inputs Transmit/Receive Inputs Output Enable Input Direction Control Input
(c) 2000 Fairchild Semiconductor Corporation
DS010132
www.fairchildsemi.com
74AC646 * 74ACT646
Function Table
Inputs G H H H L L L L L L L L DIR X X X H H H H L L L L CPAB CPBA H or L H or L SAB X X X L L H H X X X X SBA X X X X X X X L L H H Output Input Input Input Input Data I/O (Note 1) Function A0-A7 B0-B7 Isolation Clock An Data into A Register Clock Bn Data into B Register An to Bn--Real Time (Transparent Mode) Output Clock An Data into A Register A Register to Bn (Stored Mode) Clock An Data into A Register and Output to Bn Bn to An --Real Time (Transparent Mode) Clock Bn Data into B Register B Register to An (Stored Mode) Clock Bn Data into B Register and Output to An
X
X X X X
X
H or L

X X X X
X
H or L
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial = LOW-to-HIGH Transition

X
Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled; i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs.
Real Time Transfer A-Bus to B-Bus
Real Time Transfer B-Bus to A-Bus
FIGURE 1. Storage from Bus to Register
FIGURE 2. Transfer from Register to Bus
FIGURE 3.
FIGURE 4.
www.fairchildsemi.com
2
74AC646 * 74ACT646
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
3
www.fairchildsemi.com
74AC646 * 74ACT646
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) Junction Temperature (TJ) PDIP 140C
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V 50 mA 50 mA -65C to +150C
Recommended Operating Conditions
Supply Voltage (VCC) AC ACT Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V Minimum Input Edge Rate (V/t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns
Note 2: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications.
2.0V to 6.0V 4.5V to 5.5V 0V to VCC 0V to VCC
-40C to +85C
125 mV/ns
DC Electrical Characteristics for AC
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum LOW Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN (Note 5) IOLD IOHD ICC (Note 5) IOZT Maximum Input Leakage Current Minimum Dynamic Output Current (Note 4) Maximum Quiescent Supply Current Maximum I/O Leakage Current 5.5 0.6 6.0 A 5.5 5.5 5.5 5.5 8.0 0.002 0.001 0.001 TA = +25C Typ 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 VIN = VIL or VIH 2.46 3.76 4.76 0.1 0.1 0.1 VIN = VIL or VIH 0.44 0.44 0.44 1.0 75 -75 80.0 A mA mA A V IOH = 12 mA IOL = 24 mA IOH = 24 mA (Note 3) VI = VCC, GND VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND
Note 3: All outputs loaded; thresholds on input associated with output under test. Note 4: Maximum test duration 2.0 ms, one output loaded at a time. Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Units
Conditions VOUT = 0.1V
V
or VCC - 0.1V VOUT = 0.1V
V
or VCC - 0.1V
V
IOUT = -50 A
IOH = -12 mA V IOH = -24 mA IOH = -24 mA (Note 3) V IOUT = 50 A
www.fairchildsemi.com
4
74AC646 * 74ACT646
DC Electrical Characteristics for ACT
Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOLD IOHD ICC IOZT Maximum Input Leakage Current Maximum ICC/Input Minimum Dynamic Output Current (Note 7) Maximum Quiescent Supply Current Maximum I/O Leakage Current 5.5 0.6 6.0 A 5.5 5.5 5.5 5.5 5.5 8.0 0.6 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 75 -75 80.0 A mA mA mA A V Units V V V Conditions VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH= -24 mA IOH= -24 mA (Note 6) IOUT = 50 A VIN = VIL or VIH V IOL= 24 mA IOL = 24 mA (Note 6) VI = VCC, GND VI = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND
Note 6: All outputs loaded; thresholds on input associated with output under test. Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
5
www.fairchildsemi.com
74AC646 * 74ACT646
AC Electrical Characteristics for AC
VCC Symbol tPLH tPHL tPLH tPHL tPLH Parameter Propagation Delay Clock to Bus Propagation Delay Clock to Bus Propagation Delay Bus to Bus Propagation Delay Bus to Bus Propagation Delay SBA or SAB to An or Bn (w/ An or Bn HIGH or LOW) tPHL Propagation Delay SBA or SAB to An or Bn (w/ An or Bn HIGH or LOW) tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Enable Time G to An or Bn Enable Time G to An or Bn Disable Time G to An or Bn Disable Time G to An or Bn Enable Time DIR to An or Bn Enable Time DIR to An or Bn Disable Time DIR to An or Bn Disable Time DIR to An or Bn
Note 8: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 4.0 2.5 3.0 2.0 2.5 1.5 1.5 1.5 2.0 1.5 1.5 1.5 2.5 1.5 2.5 1.5 3.0 2.0 2.0 1.5 2.0 1.5 2.5 1.5 2.5 1.5 1.5 1.5 Typ 10.5 7.5 9.5 6.5 7.5 5.0 7.5 5.0 8.5 6.0 8.5 6.0 7.0 5.0 7.5 5.5 8.0 6.5 7.5 6.0 6.5 5.0 7.0 5.0 7.5 5.5 7.5 5.5 Max 16.5 12.0 14.5 10.5 12.0 8.0 12.5 9.0 13.5 10.0 13.5 10.0 11.5 8.5 12.5 9.0 12.5 10.0 12.0 9.5 11.0 7.5 11.5 8.0 11.5 9.5 12.0 9.5
TA = -40C to +85C CL = 50 pF Min 3.0 2.0 2.5 1.5 2.0 1.0 1.5 1.0 1.5 1.5 1.5 1.5 2.0 1.5 2.0 1.5 2.5 2.0 2.0 1.5 1.5 1.0 2.0 1.0 1.5 1.5 1.5 1.5 Max 18.5 13.0 16.0 11.5 13.5 9.0 13.5 9.5 15.5 11.0 15.0 11.0 12.5 9.0 14.0 10.0 13.5 11.0 13.5 10.5 12.0 8.5 13.0 9.0 12.5 10.0 13.5 10.5 ns ns ns ns ns ns Units
(V) (Note 8) 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
ns ns ns ns ns ns ns ns
AC Operating Requirements for AC
VCC Symbol Parameter (V) (Note 9) tS tH tW Setup Time, HIGH or LOW Bus to Clock Hold Time, HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW
Note 9: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Typ 2.0 1.5 -1.5 -0.5 2.0 2.0 5.0 4.0 0 0.5 3.5 3.5
TA = -40C to +85C CL = 50 pF Guaranteed Minimum 5.5 4.5 0 1.0 4.5 3.5 ns ns ns Units
3.3 5.0 3.3 5.0 3.3 5.0
www.fairchildsemi.com
6
74AC646 * 74ACT646
AC Electrical Characteristics for ACT
VCC Symbol tPLH tPHL tPLH tPHL tPLH Parameter Propagation Delay Clock to Bus Propagation Delay Clock to Bus Propagation Delay Bus to Bus Propagation Delay Bus to Bus Propagation Delay SBA or SAB to An to Bn (w/An or Bn, HIGH or LOW) tPHL Propagation Delay SBA or SAB to An to Bn (w/An or Bn, HIGH or LOW) tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Enable Time G to An or Bn Enable Time G to An or Bn Disable Time G to An or Bn Disable Time G to An or Bn Enable Time DIR to An or Bn Enable Time DIR to An or Bn Disable Time DIR to An or Bn Disable Time DIR to An or Bn
Note 10: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 3.5 4.0 3.0 2.5 Typ 12.0 12.0 8.5 8.5 Max 14.5 14.5 10.5 10.5
TA = -40C to +85C CL = 50 pF Min 3.0 3.5 2.5 2.0 Max 16.0 16.0 11.5 11.5 ns ns ns ns Units
(V) (Note 10) 5.0 5.0 5.0 5.0
5.0
3.0
9.5
11.5
2.5
12.5
ns
5.0
3.0
9.5
11.5
2.5
12.5
ns
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
2.0 3.5 5.0 3.5 2.0 3.5 5.0 3.5
9.0 9.0 10.5 10.0 6.5 6.5 8.5 8.5
11.0 11.0 13.0 12.5 10.5 10.5 12.5 12.5
1.5 3.0 4.5 3.0 1.5 3.0 4.5 3.0
12.0 12.0 14.5 14.0 11.5 11.5 13.5 13.5
ns ns ns ns ns ns ns ns
AC Operating Requirements for ACT
VCC Symbol Parameter (V) (Note 11) tS tH tW Setup Time, HIGH or LOW BUS to Clock Hold Time, HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW
Note 11: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Typ 2.5 0 4.5 7.0 2.5 7.0
TA = -40C to +85C CL = 50 pF Guaranteed Minimum 8.0 2.5 8.0 ns ns ns Units
5.0 5.0 5.0
Capacitance
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Typ 4.5 15.0 60.0 Units pF pF pF VCC = OPEN VCC = 5.0V VCC = 5.0V Conditions
7
www.fairchildsemi.com
74AC646 * 74ACT646
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
www.fairchildsemi.com
8
74AC646 * 74ACT646 Octal Transceiver/Register with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ACT646SPC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X